Part Number Hot Search : 
TC144E PL14P4BD 01S16 100343PC AP01L60 KBJ408G EPSA1 21013
Product Description
Full Text Search
 

To Download NCP57152DSADJR4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 may, 2013 ? rev. 1 1 publication order number: ncp57152/d ncp57152, ncv57152 1.5 a, very low-dropout (vldo) fast transient response regulator the ncp57152 is a high precision, very low dropout (vldo), low minimum input voltage and low ground current positive voltage regulator that is capable of providing an output current in excess of 1.5 a with a typical dropout voltage of 330 mv at 1.5 a load current and input voltage from 1.8 v and up. the devices are stable with ceramic output capacitors. the device can withstand up to 18 v max input voltage. internal protection features consist of output current limiting, built ? in thermal shutdown and reverse output current protection. logic level enable and error flag pins are available. the ncp57152 is an adjustable voltage device and is available in d2pak ? 5 and dfn8 packages. features ? output current in excess of 1.5 a ? minimum operating input voltage 1.8 v for full 1.5 a output current ? 330 mv typical dropout voltage at 1.5 a ? adjustable output voltage range from 1.24 v to 13 v ? low ground current ? fast transient response ? stable with ceramic output capacitor ? logic compatible enable and error flag pins ? current limit, reverse current and thermal shutdown protection ? operation up to 13.5 v input voltage ? ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable ? these are pb ? free devices applications ? consumer and industrial equipment point of regulation ? servers and networking equipment ? fpga, dsp and logic power supplies ? switching power supply post regulation ? battery chargers ? functional replacement for industry standard mic29150, mic39150, mic37150 with improved minimum input voltage specification marking diagrams http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ordering information d 2 pak case 936a 1 5 57152 awlywwg y tab en vin gnd vout adj 1 y = p (ncp), v (ncv) a = assembly location wl, l = wafer lot y = year ww, w = work week g,  = pb ? free package ncy57 152 alyw   1 dfn8 case 488af (*note: microdot may be in either location)
ncp57152, ncv57152 http://onsemi.com 2 typical applications figure 1. adjustable regulator + + c out 47  f, ceramic r1 vin en vout adj gnd v out = 1.3 v c in v in ncp57152 r2 figure 2. adjustable regulator in dfn package + + c out 47  f, ceramic r1 vin en vout adj gnd v out = 1.3 v c in v in ncp57152 r2 flag r flag flag pin function description pin number d2pak ? 5 pin number dfn8 pin name pin function 1 2 en enable input: cmos and ttl logic compatible. logic high = enable; logic low = shutdown. 2 3 vin input voltage which supplies both the internal circuitry and the current to the output load. 3 1 gnd ground 4 6 vout linear regulator output. 5 7 adj adjustable regulator feedback input. connect to output voltage resistor divider central node. tab ? tab tab is connected to ground. ? 8 flg error flag open collector output. active ? low indicates an output fault condition. ? ep exposed pad pad for removing heat from the device. must be connected to gnd. ? 4, 5 nc not internally connected.
ncp57152, ncv57152 http://onsemi.com 3 absolute maximum ratings symbol rating value unit v in supply voltage 0 to 18 v v en enable input voltage 0 to 18 v v flg error flag open collector output maximum voltage 0 to 18 v v out ? v in reverse v out ? v in voltage (en = shutdown or vin = 0 v) (note 1) 0 to 6.5 v p d power dissipation (notes 2 and 5) internally limited t j junction temperature ? 40  t j  +125 ? c t s storage temperature ? 65  t j  +150 ? c esd rating (notes 3 and 4) human body model machine model 2000 200 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. note: all voltages are referenced to gnd pin unless otherwise noted. 1. the enable pin input voltage must be ? 0.8 v or vin must be connected to ground potential. 2. p d(max) = (t j(max) ? t a ) / r  ja , where r  ja depends upon the printed circuit board layout. 3. devices are esd sensitive. handling precautions recommended.. 4. this device series incorporates esd protection and is tested by the following methods: esd human body model (hbm) tested per aec ? q100 ? 002 (eia/jesd22 ? a114c) esd machine model (mm) tested per aec ? q100 ? 003 (eia/jesd22 ? a115c) this device contains latch ? up protection and exceeds 100 ma per jedec standard jesd78. 5. this protection is not guaranteed outside the recommended operating conditions. recommended operating conditions (note 6) symbol rating value unit v in supply voltage 1.8 to 13.5 v v en enable input voltage 0 to 13.5 v v flg error flag open collector voltage 0 to 13.5 v t j junction temperature ? 40  t j  +125 ? c 6. the device is not guaranteed to function outside it?s recommended operating conditions.
ncp57152, ncv57152 http://onsemi.com 4 electrical characteristics t j = 25 ? c with v in = v out nominal + 0.6 v; v en = v in ; i l = 10 ma; bold values indicate ?40 ? c < t j < +125 ? c, unless noted. (note 7) parameter conditions min typ max unit output voltage accuracy dfn package i l = 10 ma ? 1 1 % 10 ma < i out < 1.5 a , v out nominal + 0.6 ? v in ? 13.5 v ? 2 2 % output voltage accuracy d2pak package il = 10 ma ? 1.5 1.5 % 10 ma < i out < 1.5 a , v out nominal + 0.6 ? v in ? 13.5 v ? 2.5 2.5 % output voltage line regulation v in = v out nominal + 0.6 v to 13.5 v; i l = 10 ma 0.02 0.5 % output voltage load regulation i l = 10 ma to 1.5 a 0.2 1.0 % v in ? v out dropout voltage (note 8) i l = 500 ma (note 9) 180 295 mv i l = 750 ma 220 350 mv i l = 1.0 a (note 9) 260 410 mv i l = 1.5 a 330 520 mv ground pin current (note 10) i l = 1.5 a 40 60 80 ma ground pin current in shutdown v en  0.5 v 1.0 5.0  a overload protection current limit v out = 0 v 2.0 3.0 a start ? up time v en = v in , v out nominal = 2.5 v, i out = 10 ma, c out = 47  f 100 500  s output voltage start ? up slope v en = v in , i out = 10 ma, c out = 47  f (note 11) 40 200  s/v reference voltage dfn package d 2 pak package 1.228 1.215 1.221 1.209 1.240 1.240 1.252 1.265 1.259 1.271 v adjust pin bias current 100 200 350 na enable input enable input signal levels regulator enable 1.4 v regulator shutdown 0.8 v enable pin input current v en  0.8 v (regulator shutdown) 2.0 4.0  a 6.5 v > v en  1.4 v (regulator enable) 15 30 40  a flag output i flg(leak) v oh = 13.5 v, flag off 1.0 2.0  a v flg ( lo ) v in = 1.8 v, i flg = 1 ma, flag on 210 400 500 mv v flg low threshold, % of particular v out 93 95 % hysteresis, % of particular v out 2 % high threshold, % of particular v out 97 99.2 % 7. v outnominal can be set by external resistor divider in the application. tested for v outnominal = 1.24 v unless noted. 8. v do = v in ? v out when v out decreases to 98% of its nominal output voltage with v in = v out + 1 v. tested for v outnominal = 2.5 v. 9. guaranteed by design. 10. i in = i gnd + i out . 11. device start ? up time = output voltage start ? up slope * v out nominal. package conditions / pcb footprint thermal resistance d2pak?5, junction ? to ? case r  jc = 2.1 ? c/w d2pak?5, junction ? to ? air pcb with 100 mm 2 2.0 oz copper heat spreading area r  ja = 52 ? c/w dfn8, junction ? to ? air pcb with 500 mm 2 2.0 oz copper heat spreading area r  ja = 75 ? c/w
ncp57152, ncv57152 http://onsemi.com 5 typical characteristics figure 3. dropout voltage vs. output current (v outnom = 2.5 v) figure 4. dropout voltage vs. temperature (v outnom = 2.5 v, i out = 1.5 a) output current (a) temperature ( ? c) 1.50 1.25 1.00 0.75 0.50 0.25 0 0 50 100 200 250 350 400 500 110 90 50 30 10 ? 10 ? 30 ? 50 0 50 150 200 250 300 400 450 figure 5. dropout characteristics (v outnom = 1.24 v) figure 6. dropout characteristics (v outnom = 2.5 v) supply voltage (v) supply voltage (v) 1.9 1.7 1.6 1.5 1.3 1.2 1.1 1.0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 2.8 2.4 2.2 2.0 1.8 1.4 1.2 1.0 0 0.5 1.0 1.5 2.0 2.5 3.0 figure 7. ground current vs. output current (v outnom = 1.24 v) figure 8. ground current vs. supply voltage (v outnom = 1.24 v, i out = 10 ma) output current (a) supply voltage (v) 1.25 1.00 0.75 0.50 1.50 0.25 0 0 5 10 15 20 25 30 4.5 4.0 3.0 2.5 2.0 1.0 0.5 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 dropout voltage (mv) dropout voltage (mv) output voltage (v) output voltage (v) ground current (ma) ground current (ma) 150 300 450 70 130 100 350 1.4 1.8 2.0 0.5 a 1.5 a 1.0 a 10 ma 0.5 a 1.5 a 1.0 a 10 ma 1.5 3.5 5.0 1.6 2.6 3.0
ncp57152, ncv57152 http://onsemi.com 6 typical characteristics figure 9. ground current vs. supply voltage (v outnom = 1.24 v) figure 10. ground current vs. supply voltage (v outnom = 2.5 v, i out = 10 ma) supply voltage (v) supply voltage (v) 4.5 4.0 3.0 2.5 2.0 1.0 0.5 0 0 10 20 30 40 50 60 4.5 4.0 3.0 2.0 1.5 1.0 0.5 0 0 0.5 1.0 1.5 2.0 2.5 figure 11. ground current vs. supply voltage (v outnom = 2.5 v) figure 12. ground current vs. temperature (v outnom = 2.5 v, i out = 10 ma, v in = 3.5 v) supply voltage (v) temperature ( ? c) 5.0 4.0 3.0 2.0 1.5 1.0 0.5 0 0 10 20 30 40 50 60 110 90 70 50 10 ? 10 ? 30 ? 50 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 figure 13. ground current vs. temperature (v outnom = 2.5 v, i out = 0.75 a, v in = 3.5 v) figure 14. ground current vs. temperature (v outnom = 2.5 v, i out = 1.5 a, v in = 3.5 v) temperature ( ? c) temperature ( ? c) 110 90 70 30 10 ? 10 ? 30 ? 50 0 2 4 6 10 12 16 18 110 90 70 30 10 ? 10 ? 30 ? 50 0 5 15 20 25 35 40 45 ground current (ma) ground current (ma) ground current (ma) ground current (ma) ground current (ma) ground current (ma) 1.5 3.5 5.0 0.5 a 1.5 a 1.0 a 2.5 3.5 5.0 30 130 2.5 3.5 4.5 0.5 a 1.5 a 1.0 a 50 130 8 14 50 130 10 30
ncp57152, ncv57152 http://onsemi.com 7 typical characteristics figure 15. output voltage vs. temperature (v outnom = 2.5 v, i out = 10 ma) figure 16. psrr vs. frequency, vin = 3.5 v + 200 mvpp modulation, vout = 2.5 v, iout = 0.5 a frequency (khz) 1000 100 10 1 0.1 0.01 0 10 30 40 50 60 80 90 figure 17. psrr vs. frequency, vin = 3.5 v + 200 mvpp modulation, vout = 2.5 v, iout = 1.5 a frequency (khz) 1000 100 10 1 0.1 0.01 0 10 20 30 40 60 70 80 psrr (db) psrr (db) temperature ( ? c) 110 90 70 30 10 ? 10 ? 30 ? 50 2.40 2.45 2.50 2.55 2.60 output voltage (v) 50 130 20 70 cout = 47  f cout = 100  f 50 cout = 47  f cout = 100  f 10 9 8 7 6 5 4 3 2 1 0 flag voltage (v) 02468101214161820 flag current (ma) figure 18. flag current vs. flag voltage v in = 2.24 v, 25 ? c flag open collector output is on 0.6 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.5 0.4 0.3 0.2 0.1 0 flag current (ma) figure 19. flag voltage vs. flag current flag voltage (v) v in = 2.24 v, 25 ? c flag open collector output = logic l
ncp57152, ncv57152 http://onsemi.com 8 typical characteristics figure 20. line transient response figure 21. load transient response applications information output capacitor and stability the ncp57152 device requires an output capacitor for stable operation. the ncp57152 is designed to operate with ceramic output capacitors. the recommended output capacitance value is 47  f or greater. such capacitors help to improve transient response and noise reduction at high frequency. input capacitor an input capacitor of 1.0  f or greater is recommended when the device is more than 4 inches away from the bulk supply capacitance, or when the supply is a battery. small, surface ? mount chip capacitors can be used for the bypassing. the capacitor should be place within 1 inch of the device for optimal performance. larger values will help to improve ripple rejection by bypassing the input of the regulator, further improving the integrity of the output voltage. minimum load current the ncp57152 regulator is specified between finite loads. a 5 ma minimum load current is necessary for proper operation. enable input ncp57152 regulators also feature an enable input for on/off control of the device. it?s shutdown state draws ?zero? current from input voltage supply (only microamperes of leakage). the enable input is ttl/cmos compatible for simple logic interface, but can be connected up to v in . error flag ncp57152 devices in dfn package feature an error flag circuit that monitors the output voltage and signals an error condition when the voltage is 5% below the nominal output voltage. the error flag is an open ? collector output that can sink up to 5 ma typically during a v out fault condition. the flg output is overload protected when a short circuit of the pullup load resistor occurs in the application. this is guaranteed in the full range of flg output voltage max ratings (see max ratings table). please be aware operation in this mode is not recommended, power dissipated in the device can impact on output voltage precision and other device characteristics. overcurrent and reverse output current protection the ncp57152 regulator is fully protected from damage due to output current overload and output short conditions. when ncp57152 output is overloaded, output current limiting is provided. this limiting is linear; output current during overload or output short conditions is constant. these features are advantageous for powering fpgas and other ics having current consumption higher than nominal during their startup. thermal shutdown disables the ncp57152 device when the die temperature exceeds the maximum safe operating temperature. when ncp57152 is disabled and (v out ? v in ) voltage difference is less than 6.5 v in the application, the output structure of these regulators is able to withstand output voltage (backup battery as example) to be applied without reverse current flow. of course the additional current flowing through the feedback resistor divider needs to be included in the backup battery discharging calculations. adjustable voltage design the ncp/ncv57152 adjustable voltage device output voltage is set by the ratio of two external resistors as shown in figure 22. the device maintains the voltage at the adj pin at 1.24 v referenced to ground. the current in r2 is then equal to 1.24 v / r2, and the current in r1 is the current in r2 plus
ncp57152, ncv57152 http://onsemi.com 9 the adj pin bias current. the adj pin bias current flows from v out through r1 into the adj pin. figure 22. adjustable voltage operation v out  1.24 v   1  r1 r2   i adj  r1 + + vin en vout adj gnd ncp57152 r1 r2 v out v in c in c out 47  f, ceramic for the r2 resistor value up to 15 kohm the i adj current impact can be neglected and the r1 resistor value can be calculated by: r1  r2   (v out 1.24)
1  (eq. 1) where v out is the desired nominal output voltage. thermal considerations the power handling capability of the device is limited by the maximum rated junction temperature (125 ? c). the p d total power dissipated by the device has two components, input to output voltage differential multiplied by output current and input voltage multiplied by gnd pin current. p d   v in
v out   i out  v in  i gnd (eq. 2) the gnd pin current value can be found in electrical characteristics table and in typical characteristics graphs. the junction temperature t j is t j  t a  p d  r  ja (eq. 3) where t a is ambient temperature and r  ja is the junction to ambient thermal resistance of the ncp/ncv57152 device mounted on the specific pcb. to maximize efficiency of the application and minimize thermal power dissipation of the device it is convenient to use the input to output voltage differential as low as possible. the static typical dropout characteristics for various output voltage and output current can be found in the t ypical characteristics graphs. ordering information device output current output voltage junction temp. range package shipping ? ncp57152mnadjtyg 1.5 a adj ? 40 ? c to +125 ? c dfn8 ? 4x4 (pb ? free) 4000 / tape & reel ncv57152mnadjtyg* 1.5 a adj ? 40 ? c to +125 ? c dfn8 ? 4x4 (pb ? free) 4000 / tape & reel NCP57152DSADJR4G 1.5 a adj ? 40 ? c to +125 ? c d2pak ? 5 (pb ? free) 800 / tape & reel ncv57152dsadjr4g* 1.5 a adj ? 40 ? c to +125 ? c d2pak ? 5 (pb ? free) 800 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
ncp57152, ncv57152 http://onsemi.com 10 package dimensions 5 ref a 123 k b s h d g c e m l p n r v u terminal 6 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. tab contour optional within dimensions a and k. 4. dimensions u and v establish a minimum mounting surface for terminal 6. 5. dimensions a and b do not include mold flash or gate protrusions. mold flash and gate protrusions not to exceed 0.025 (0.635) maximum. dim a min max min max millimeters 0.386 0.403 9.804 10.236 inches b 0.356 0.368 9.042 9.347 c 0.170 0.180 4.318 4.572 d 0.026 0.036 0.660 0.914 e 0.045 0.055 1.143 1.397 g 0.067 bsc 1.702 bsc h 0.539 0.579 13.691 14.707 k 0.050 ref 1.270 ref l 0.000 0.010 0.000 0.254 m 0.088 0.102 2.235 2.591 n 0.018 0.026 0.457 0.660 p 0.058 0.078 1.473 1.981 r 5 ref s 0.116 ref 2.946 ref u 0.200 min 5.080 min v 0.250 min 6.350 min  45 m 0.010 (0.254) t ? t ? optional chamfer 8.38 0.33 1.016 0.04 16.02 0.63 10.66 0.42 3.05 0.12 1.702 0.067 5 ? lead d 2 pak scale 3:1  mm inches  d 2 pak 5 case 936a ? 02 issue c soldering footprint
ncp57152, ncv57152 http://onsemi.com 11 package dimensions dfn8, 4x4 case 488af issue c dim min max millimeters a 0.80 1.00 a1 0.00 0.05 a3 0.20 ref b 0.25 0.35 d 4.00 bsc d2 1.91 2.21 e 4.00 bsc e2 2.09 2.39 e 0.80 bsc k 0.20 ??? l 0.30 0.50 d b e c 0.15 a c 0.15 2x 2x top view side view bottom view ?? ? ? ? ? ? ? c 0.08 c 0.10 ?? ? ? ? ?? e 8x l k e2 d2 b note 3 1 4 5 8 8x 0.10 c 0.05 c ab pin one reference *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 8x 0.63 2.21 2.39 8x 0.80 pitch 4.30 0.35 l1 detail a l optional constructions ??? ?? ?? ??? 0.15 detail b note 4 detail a dimensions: millimeters package outline on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 ncp57152/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCP57152DSADJR4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X